|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET BLV950 UHF push-pull power transistor Product specification Supersedes data of 1996 Jan 26 1997 Oct 27 Philips Semiconductors Product specification UHF push-pull power transistor FEATURES * Internal input and output matching for easy matching, high gain and efficiency * Poly-silicon emitter ballasting resistors for an optimum temperature profile * Gold metallization ensures excellent reliability. APPLICATIONS * Base station transmitters in the 800 to 960 MHz range. DESCRIPTION Two NPN silicon planar epitaxial transistors in push-pull configuration, intended for linear common emitter class-AB operation. The transistors are encapsulated in a 4-lead SOT262A2 flange package with 2 ceramic caps. The flange provides the common emitter connection for both transistors. PINNING - SOT262A2 PIN 1 2 3 4 5 SYMBOL c1 c2 b1 b2 e BLV950 DESCRIPTION collector 1 collector 2 base 1 base 2 common emitter; connected to flange handbook, halfpage c1 1 2 b1 e 5 3 Top view 5 4 b2 MAM031 c2 Fig.1 Simplified outline and symbol. QUICK REFERENCE DATA RF performance at Th = 25 C in a common emitter push-pull test circuit. MODE OF OPERATION CW, class-AB 2-tone, class-AB f (MHz) 900 960 900 960 VCE (V) 26 26 26 26 PL (W) 150 150 150 (PEP) 150 (PEP) Gp (dB) 8 7.5 8.5 8 C (%) 45 45 35 35 d3 (dBc) - - -30 -30 WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste. 1997 Oct 27 2 Philips Semiconductors Product specification UHF push-pull power transistor LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Per transistor section VCBO VCEO VEBO IC IC(AV) Ptot Tstg Tj collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) average collector current total power dissipation (DC) storage temperature operating junction temperature Tmb = 25 C open emitter open base open collector - - - - - - -65 - 70 30 3 12 12 340 PARAMETER CONDITIONS MIN. BLV950 MAX. UNIT V V V A A W C C +150 200 THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h Note 1. Total device; both sections equally loaded; thermal resistance is determined under specified RF operating conditions. PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Ptot = 340 W; Tmb = 25 C; note 1 MAX. 0.52 0.15 UNIT K/W K/W 1997 Oct 27 3 Philips Semiconductors Product specification UHF push-pull power transistor CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL Per transistor section V(BR)CBO V(BR)CEO V(BR)EBO ICES hFE Cc Notes 1. Measured under pulse conditions: tp 300 s; 0.01. 2. Value Cc is that of the die only, it is not measurable because of internal matching network. collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector leakage current DC current gain collector capacitance open emitter; IC = 60 mA open base; IC = 150 mA open collector; IE = 3 mA VBE = 0; VCE = 28 V VCE = 10 V; IC = 4.5 A; note 1 VCB = 26 V; IE = ie = 0; f = 1 MHz; note 2 70 30 3 - 30 - - - - - - 75 - - - 5 PARAMETER CONDITIONS MIN. TYP. BLV950 MAX. UNIT V V V mA pF 120 - handbook, halfpage 80 MLD256 handbook, halfpage 300 MLD257 h FE 60 (1) Cc (pF) 200 (2) 40 100 20 0 0 4 8 12 I C (A) 16 0 0 10 20 30 40 50 VCB (V) Measured under pulsed conditions; tp 300 s; 0.01. (1) VCE = 26 V. (2) VCE = 10 V. Value Cc is that of the die only, it is not measurable because of internal matching network. IE = ie = 0; f = 1 MHz. Fig.2 DC current gain as a function of collector current; typical values. Fig.3 Collector capacitance as a function of collector-base voltage; typical values. 1997 Oct 27 4 Philips Semiconductors Product specification UHF push-pull power transistor APPLICATION INFORMATION RF performance at Th = 25 C in a common emitter push-pull test circuit; Rth mb-h = 0.15 K/W. MODE OF OPERATION CW, class-AB f (MHz) 900 960 2-tone, class-AB note 1 note 2 Notes 1. f1 = 900.0 MHz; f2 = 900.1 MHz. 2. f1 = 960.0 MHz; f2 = 960.1 MHz. Ruggedness in class-AB operation VCE (V) 26 26 26 26 ICQ (mA) 2 x 100 2 x 100 2 x 100 2 x 100 PL (W) 150 150 150 (PEP) 150 (PEP) Gp (dB) 8 typ. 9 7.5 typ. 8.5 8.5 typ. 9.5 8 typ. 9 C (%) 45 typ. 50 45 typ. 50 35 typ. 40 35 typ. 40 BLV950 d3 (dBc) - - -28 typ. -31 -30 typ. -33 The BLV950 is capable of withstanding a load mismatch corresponding to VSWR = 2 : 1 through all phases under the conditions: PL = 150 W; f = 960 MHz; VCE = 26 V; ICQ = 2 x 100 mA; Th = 25 C; Rth mb-h = 0.15 K/W and also a load mismatch of VSWR = 5 : 1 through all phases at PL = 150 W (PEP) and f1 = 960.0 MHz and f2 = 960.1 MHz. handbook, halfpage 12 MLD258 MLD259 60 C (%) 40 handbook, halfpage 200 Gp (dB) 8 Gp C PL (W) 150 100 4 20 50 0 0 50 100 150 P L (W) 0 200 0 0 10 20 P i (W) 30 VCE = 26 V; ICQ = 2 x 100 mA; f = 960 MHz. VCE = 26 V; ICQ = 2 x 100 mA; f = 960 MHz. Fig.4 Power gain and efficiency as functions of load power; typical values. Fig.5 Load power as a function of input power; typical values. 1997 Oct 27 5 Philips Semiconductors Product specification UHF push-pull power transistor BLV950 handbook, halfpage 12 MLD260 60 C (%) Gp 40 MLD261 handbook, halfpage Gp (dB) 8 200 PL (PEP) (W) 150 100 C 4 20 50 0 0 50 100 0 150 200 P L (PEP) (W) 0 0 10 20 Pi (PEP) (W) 30 VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz. VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz. Fig.6 Power gain and efficiency as functions of load power; typical values. Fig.7 Load power as a function of input power; typical values. handbook, halfpage 25 MLD262 d im (dBc) 30 d3 35 d5 40 d7 45 0 50 100 150 200 P L (PEP) (W) VCE = 26 V; ICQ = 2 x 100 mA; f1 = 960.0 MHz; f2 = 960.1 MHz. Fig.8 Intermodulation distortion as a function of load power; typical values. 1997 Oct 27 6 Philips Semiconductors Product specification UHF push-pull power transistor BLV950 handbook, full pagewidth C2 V bias R5 C1 L8 C3 C5 C7 C9 C32 L14 C31 VS R1 C4 C6 C8 L9 C35 C33 R3 C30 C29 input 50 ,,,,, ,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, ,,,,,,,, L10 L6 L1 L2 C19 L4 C21 C22 C23 L3 C20 L5 L7 L11 L12 C10 R2 R6 C13 C15 C17 C11 L13 C12 C14 C16 C18 L16 DUT L17 ,,,, ,,,,,,, ,,,, ,,,,,,, ,,,, ,,,, C34 L15 L20 L22 L24 L26 C27 L28 L29 C24 C25 C26 C28 L30 L25 L27 L21 L23 L18 C37 C38 R4 C41 C42 VS L19 C40 MLD263 output 50 C36 C39 V bias Fig.9 Class-AB test circuit at 900 to 960 MHz. 1997 Oct 27 7 Philips Semiconductors Product specification UHF push-pull power transistor List of components (see Figs 9 and 10) COMPONENT C1, C10 C2, C11, C30, C34, C37, C41 C3, C12 C4, C13 C5, C14, C31, C40 C6, C15, C29, C42 C7, C16 C8, C17 C9, C18, C19, C20, C35, C36 C23 C25 C21, C22 C24, C26 C27, C28 C32, C39 C33, C38 L1, L3 L2 DESCRIPTION tantalum capacitor multilayer ceramic chip capacitor; note 1 electrolytic capacitor electrolytic capacitor tantalum capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 multilayer ceramic chip capacitor; note 1 film dielectric trimmer film dielectric trimmer multilayer ceramic chip capacitor; note 1 electrolytic capacitor electrolytic capacitor stripline; note 2 semi-rigid cable; note 3 VALUE 2.2 F, 35 V 300 pF, 200 V 1 F, 63 V 10 F, 16 V 1 F, 35 V 100 nF, 50 V 10 nF, 50 V 330 pF, 200 V 39 pF, 500 V 2 pF, 500 V 3.9 pF, 500 V 9 pF 3.5 pF 68 pF, 500 V 10 F, 63 V 1 F, 63 V 35 50 length 50.7 mm width 4 mm ext. conductor length 50.7 mm ext. diameter 2.2 mm length 26.5 mm width 4 mm length 9.2 mm width 8 mm length 2.5 mm width 27 mm DIMENSIONS BLV950 CATALOGUE No. 2022 019 00058 2222 085 78108 2222 085 75109 2022 019 00056 2222 581 76641 2222 581 76627 2222 809 09005 2222 809 05215 2222 030 28109 2222 030 38108 L4, L5 L6, L7 L10, L11, L16, L17 L8, L13, L14, L19 L9, L12 L15, L18 L20, L21 stripline; note 2 stripline; note 2 stripline; note 2 grade 4S2 Ferroxcube chip-bead microchoke 4 turns enamelled 1 mm copper wire stripline; note 2 35 20 7 4330 030 36300 4.7 H 100 nH 14 int. diameter 6 mm close wound length 6 mm width 12.5 mm 4322 057 04781 1997 Oct 27 8 Philips Semiconductors Product specification UHF push-pull power transistor BLV950 COMPONENT L22, L23 L24, L25 L26, L27 L28, L30 L29 DESCRIPTION stripline; note 2 stripline; note 2 stripline; note 2 stripline; note 2 semi-rigid cable; note 3 14 18 50 30 50 VALUE DIMENSIONS length 7 mm width 12.5 mm length 11 mm width 9 mm length 6.5 mm width 2.5 mm length 49.3 mm width 5 mm ext. conductor length 49.3 mm ext. diameter 3.6 mm CATALOGUE No. R5, R6 R1, R2 R3, R4 Notes metal film resistor metal film resistor metal resistor 0.4 W, 1 0.4 W, 5.11 1 W, 5.11 2322 151 71008 2322 151 75118 2322 153 75118 1. American Technical Ceramics type 100B or capacitor of same quality. 2. The striplines are on a double copper-clad printed-circuit board, with PTFE microfibre-glass dielectric (r = 2.2); thickness 132"; thickness of the copper sheet 2 x 35 m. 3. Semi-rigid cables soldered respectively on striplines L1 and L28. 1997 Oct 27 9 Philips Semiconductors Product specification UHF push-pull power transistor BLV950 handbook, full pagewidth 64.5 68.5 85 85 C2 V bias C1 R5 L3 C3 C5 C7 R1 L8 C8 C4 C6 C9 L9 C35 L15 L16 C33 C32 L14 C31 C34 R3 L29 L24 C25 C24 C26 L27 C28 L25 L21 L23 L17 L18 C36 C37 R4 C38 C39 MLD264 C30 C29 V S L28 L10 L6 C19 L4 C21 C20 L5 C22 L7 C23 L20 L22 L26C27 L1 L2 V bias R6 C10 L11 L13 C13 C15 L12 C17 R2 C18 C11 C12 C14 C16 L30 L19 C41 C40 C42 VS Dimensions in mm. The components are situated on one side of the copper-clad PTFE microfibre-glass board, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization. Fig.10 Component layout and printed-circuit board for 900 to 960 MHz class-AB test circuit. 1997 Oct 27 10 Philips Semiconductors Product specification UHF push-pull power transistor BLV950 MLD265 - 1 MLD266 - 1 handbook, halfpage 8 handbook, halfpage 4 Zi () 6 ri ZL () 2 RL 4 0 2 xi XL -2 0 -2 840 880 920 960 1000 f (MHz) -4 840 880 920 960 1000 f (MHz) VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W. VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W. Fig.11 Input impedance as a function of frequency (series components); typical values per section. Fig.12 Load impedance as a function of frequency (series components); typical values per section. handbook, halfpage 12 MLD267 Gp (dB) 8 handbook, halfpage 4 Zi ZL MBA451 0 840 880 920 960 f (MHz) 1000 VCE = 26 V; ICQ = 2 x 100 mA; PL = 150 W (total device); Th = 25 C; Rth mb-h = 0.15 K/W. Fig.13 Power gain as a function of frequency; typical values. Fig.14 Definition of transistor impedance. 1997 Oct 27 11 Philips Semiconductors Product specification UHF push-pull power transistor PACKAGE OUTLINE Flanged double-ended ceramic package; 2 mounting holes; 4 leads BLV950 SOT262A2 D A F U1 q H1 C w2 M C B c 1 2 H U2 p E1 w1 M A B E 5 A 3 b e 4 w3 M Q 0 5 scale 10 mm DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm inches A 5.39 4.62 0.212 0.182 b 5.85 5.58 c 0.16 0.10 D e E E1 F 1.78 1.52 0.070 0.060 H 20.58 20.06 0.81 0.79 H1 17.02 16.51 0.67 0.65 p 3.28 3.02 0.129 0.119 Q 2,47 2.20 q 27.94 U1 34.17 33.90 1.345 1.335 U2 9.91 9.65 0.390 0.380 w1 0.51 0.02 w2 1.02 0.04 w3 0.25 0.01 21.98 10.27 10.29 11.05 21.71 10.05 10.03 0.865 0.404 0.405 0.435 0.855 0.395 0.396 0.230 0.006 0.220 0.004 0.097 1.100 0.087 OUTLINE VERSION SOT262A2 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-28 1997 Oct 27 12 Philips Semiconductors Product specification UHF push-pull power transistor DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values BLV950 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. 1997 Oct 27 13 Philips Semiconductors Product specification UHF push-pull power transistor NOTES BLV950 1997 Oct 27 14 Philips Semiconductors Product specification UHF push-pull power transistor NOTES BLV950 1997 Oct 27 15 Philips Semiconductors - a worldwide company Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997 Internet: http://www.semiconductors.philips.com SCA55 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Printed in The Netherlands 127067/00/03/pp16 Date of release: 1997 Oct 27 Document order number: 9397 750 02842 |
Price & Availability of BLV950 |